Part Number Hot Search : 
B8806 E200001 PM6MMXX LM348 APTGT200 1V102 74LVC2G T1509N1X
Product Description
Full Text Search
 

To Download 1N4148UBD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t4 - lds -0 281 -2, rev . 1 (1 2 1568 ) ?201 2 microsemi corporation page 1 of 5 1n414 8 ub compliant switching diode qualified per mil - prf - 19500/ 116 qualified levels : jan, jantx, and jantxv description th is 1n414 8ub switching/signal diode features ceramic bodied cons truction for military grade products per mil - prf - 19500/116 . t h is small low capacitance diode , with very fast switching speeds , is featured in a surface mount ub package with various polarities available . microsemi also offers a variety of other switching/signal diodes. ub package also available in : ubc package ( ceramic lid surface mount) 1n4148ubc ub2 package (2- pin surface mount) 1n4148ub2 do - 35 package ( axial - leaded ) 1n4148 -1 do - 213aa package ( melf surface mount) 1n4148ur - 1 important: for the latest information, visit our website http://www.microsemi.com . features ? surface mount equivalent of p opular jedec registered 1n4148 number . ? very low capacitance . ? very fast switching speeds with minimal reverse recovery times . ? un idirectional as well as doubler , common anode and common cathode polarities are available. ? j an, jantx, and jantxv qualification is available per mil - prf - 19500/116 . (s ee part nomenclature for all available options .) ? rohs compliant by design . applications / benefits ? high frequency data lines. ? low - profile ceramic surface mount package (see package illustration). ? rs - 232 & rs C 422 i nterface n etworks. ? ethernet 10 base t. ? lan. ? computers. maximum ratings @ 25 oc msc C law rence 6 lake street, lawrence, ma 01841 tel: 1- 800 - 446 - 1158 or (978) 620 - 2600 fax: (978) 689 - 0803 msc C ireland gort road business park, ennis, co. clare, ireland tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.microsemi.com parameters/test conditions symbol value unit junction and storage temperature t j & t stg - 65 to + 200 o c thermal resistance junction - to - ambient (1) r ? ja 325 o c /w thermal resistance junction - to - solder pad (1) r ? j sp 120 o c /w maximum breakdown voltage v ( br) 100 v working peak reverse voltage v rwm 75 v average rectified current @ t a = 75 oc (2 ) i o 200 ma non - repetitive sinusoidal surge current ( tp = 8.3 m s) i fsm 2 a (pk) notes: 1. see figure 2 for thermal impedance curves. 2. s ee figure 1 for derating. downloaded from: http:///
t4 - lds -0 281 -2, rev . 1 (1 2 1568 ) ?201 2 microsemi corporation page 2 of 5 1n414 8 ub mechanical and packaging ? case: ceramic . ? terminals: gold p lating over n ickel under plate. ? marking: part number, date code, manufacturers id. ? tape & reel option: standard per eia - 418d . consult factory for quantities. ? weight: < 0.04 grams . ? see p ackage di mensions on last page. part nomenclature jan 1n414 8 ub ca reliability level jan = jan level jantx = jantx level jantxv = jantxv level blank = c ommercial grade jedec type number (s ee e lectrical characteristic s t able ) polarity ca = commo n anode cc = common cathode d = doubler blank = unidirectional surface mount package doubler common cathode symbols & definitions symbol definition i r reverse current: the maximum reverse (leakage) current that will flow at the specified vol tage and temperature. i o average rectified forward current: the o utput c urrent averaged over a full cycle with a 50 hz or 60 hz sine - wave input and a 180 degree conduction angle. t rr reverse recovery time: the time interval between the instant the current passes through zer o when changing from the forward direction to the reverse direction and a specified decay point after a peak reverse cur rent occurs. v f forward voltage: the forward voltage the device will exhibit at a specified current (typic ally shown as maximum value). v r reverse voltage: the reverse voltage dc value, no alternating component. v rwm working peak reverse voltage: the maximum peak voltage that can be applied over the operating t emperature range excluding all transient voltages (ref jesd282 - b). also sometimes known as piv. common anode unidirectional downloaded from: http:///
t4 - lds -0 281 -2, rev . 1 (1 2 1568 ) ?201 2 microsemi corporation page 3 of 5 1n414 8 ub electrical characteristics @ 25 oc unless otherwise noted forward voltage v f1 @ i f =10ma forward voltage v f2 @ i f =100ma reverse recovery time t rr (note 1) forward recovery time t fr (note 2) reverse current i r1 @ 20 v reverse current i r2 @ 75 v reverse current i r3 @ 20 v t a =150 o c reverse current i r4 @ 75 v t a =150 o c capaci - tance c (note 3) capaci - tance c (note 4) v v ns ns na a a a pf pf 0.8 1.2 5 20 25 0.5 35 75 4.0 2.8 note 1: i f = i r = 10 m a, r l = 100 ohms + 5 % . note 3: v r = 0 v, f = 1 mhz, v sig = 50 mv (pk to pk). note 2: i f = 50 ma . note 4: v r = 1.5v, f = 1 mhz, v sig = 50 mv (pk to pk). downloaded from: http:///
t4 - lds -0 281 -2, rev . 1 (1 2 1568 ) ?201 2 microsemi corporation page 4 of 5 1n414 8 ub graphs t a (oc) (a mbient ) figure 1 C temperature C c urrent d erating time (s) figu re 2 C thermal impedance dc operation maximum io rating (ma) theta ( c/w) downloaded from: http:///
t4 - lds -0 281 -2, rev . 1 (1 2 1568 ) ?201 2 microsemi corporation page 5 of 5 1n414 8 ub package dimensions symbol dimensions note symbol dimensions note inch millimeters inch millimeters min max min max min max min max bh .046 .056 1.17 1.42 ls1 .035 .039 0.89 0.99 bl .115 .128 2.92 3.25 ls2 .07 1 .079 1.80 2.01 bw .085 .108 2.16 2.74 lw .0 16 .0 24 0.41 0.61 cl .128 3.25 r .008 0.20 cw .108 2.74 r1 .012 0.31 ll1 .022 .038 0.56 0.97 r2 .022 .056 ll2 .017 .035 0.43 0.89 notes: 1 . dimen sio ns are in in ch es . m illim eters are gi ven for ge ne ral in for ma t io n onl y. 2. ceramic package only. 3 . hat che d areas on pack ag e deno te metal li zed area s. 4 . pad 1 = b ase , pad 2 = emi tt er, pad 3 = c ol l ec tor, pad 4 = s hi e ldi ng c on n ec ted to the li d. 5 . in ac co rd an ce wi th asme y 14 .5m, diam eters are eq uival en t to x sy mbolog y. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 1N4148UBD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X